Part Number Hot Search : 
A24CA P485EE 860BIV96 ZQ3500 5D100 SB630FCT ADG509 C1514
Product Description
Full Text Search
 

To Download BB814-1-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB814
Vishay Semiconductors
Dual Varicap Diode
Features
* * * * Silicon Epitaxial Planar Diode Common cathode Lead (Pb)-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
3
e3
1 2
18108
Applications
Tuning of separate resonant circuits, push-pull circuits in FM range, especially for car radios
Mechanical Data
Case: SOT-23 Plastic case Weight: approx. 8.1 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part BB814 BB814-1 BB814-2 Type differentiation VRRM = 20 V, CD 43-46, 5 pF VRRM = 20 V, CD 43-45, 5 pF VRRM = 20 V, CD 44.5-46, 5 pF Ordering code BB814-GS18 or BB814-GS08 BB814-1-GS18 or BB814-1-GS08 BB814-2-GS18 or BB814-2-GS08 Remarks Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Reverse voltage Forward current Test condition Symbol VRRM VR IF Value 20 18 50 Unit V V mA
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction temperature Storage temperature range Test condition Symbol Tj Tstg Value 125 - 55 to + 150 Unit C C
Document Number 85555 Rev. 1.6, 15-Apr-05
www.vishay.com 1
BB814
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse current Diode capacitance 1) Diode capacitance VR = 8 V Capacitance ratio Series resistance
1)
Test condition VR = 16 V VR = 16 V, Tj = 60 C VR = 2 V
Part
Symbol IR IR
Min
Typ.
Max 20 200
Unit nA nA pF pF pF pF
BB814-1 BB814-2 BB814-1 BB814-2
CD CD CD CD CD2/ CD8 rs
43 44.5 19.1 19.75 2.05
45 46.5 21.95 22.70 2.25 0.5
VR = 2 V, 8 V, f = 1 MHz CD = 38 pF, f = 100 MHz
In the reverse voltage range of VR = (2 to 8 V) for 4 diodes taped in sequence the max. deviation is 3 %.
Package Dimensions in mm (Inches)
1.15 (.045)
0.175 (.007) 0.098 (.005) 0.1 (.004) max. 0.4 (.016) 0.4 (.016) 2.6 (.102) 2.35 (.092)
0.95 (.037)
ISO Method E
3.1 (.122) 2.8 (.110) 0.4 (.016) 3
1.43 (.056) 1.20(.047)
Mounting Pad Layout
0.52 (0.020)
0.9 (0.035)
2.0 (0.079)
1 0.95 (.037)
2 0.95 (.037) 0.95 (0.037) 0.95 (0.037)
17418
www.vishay.com 2
Document Number 85555 Rev. 1.6, 15-Apr-05
BB814
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 85555 Rev. 1.6, 15-Apr-05
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BB814-1-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X